Part Number Hot Search : 
MBT2222A EKA8564A SA5777A TW0161A WL30NC 25V10 BAS21 24S12
Product Description
Full Text Search
 

To Download RC0603JR-109K76 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data shee t general purpose chip resistors rc0603 5%, 1% rohs complian t product specification ? apr 24, 2009 v.4 supersedes date of mar. 06, 2003
chip resistor surface mount w ww.yageo.com apr 24, 2009 v.4 product specification 2 9 series rc 0603 (rohs compliant) y y a a g g e e o o b b r r a a n n d d o o r r d d e e r r i i n n g g c c o o d d e e global part number ( preferred ) rc0603 x r - xx xxxx l ( 1 ) ( 2 ) ( 3 ) ( 4 ) ( 5 ) ( 6 ) ( 1 ) tolerance f = 1% j = 5% (for jumper ordering, use code of j) ( 2 ) packaging type r = paper / pe taping reel ( 3 ) temperature coefficient of resistance ? = base on spec ( 4 ) taping reel 07 = 7 inch dia. reel 10 = 10 inch dia. reel 13 = 13 inch dia. reel ( 5 ) resistance value there are 2~4 digits indicated the resistor value. letter r/k/m is decimal point, no need to mention the last zero after r/k/m, e.g.1k2, not 1k20. detailed resistance rules show in table of ?resistance rule of global part number?. (6) optional code l = optional symbol (note) ordering information - global part number & 12nc both part numbers are identified by the series, size, tolerance, packing type, temperature coefficient, taping reel and resistance value. scope this specification describes rc0603 series chip resistors with lead-free terminations made by thick film process. applications all general purpose application features rohs compliant - products with lead free terminations meet rohs requirements - pb-glass contained in electrodes, resistor element and glass are exempted by rohs reducing environmentally hazardous wastes high component and equipment reliability saving of pcb space none forbidden-materials used in products/production halogen free epoxy o rdering example the ordering code of a rc0603 chip resistor, value 56 x with 1% tolerance, supplied in 7-inch tape reel is: rc0603fr-0756r(l). note 1. all our rsmd products meet rohs compliant. "lfp" of the internal 2d reel label mentions "lead free process" 2. on customized label, "lfp" or specific symbol printed and the optional "l" at the end of global part number / 12nc can be added (both are on customer request) resistance rule of global part number resistance code rule example 0r 0r = jumpe r xrxx (1 to 9.76 ? ) 1r = 1 ? 1r5 = 1.5 ? 9r76 = 9.76 ? xxrx (10 to 97.6 ? ) 10r = 10 ? 97r6 = 97.6 ? xxxr (100 to 976 ? ) 100r = 100 ? xkxx (1 to 9.76 k ? ) 1k = 1,000 ? 9k76 = 9760 ? xmxx (1 to 9.76 m ? ) 1m = 1,000,000 ? 9m76= 9,760,000 ?
chip resistor surface mount w ww.yageo.com apr 24, 2009 v.4 product specification 3 9 series rc 0603 (rohs compliant) p p h h y y c c o o m m p p b b r r a a n n d d o o r r d d e e r r i i n n g g c c o o d d e e s s both global part number (preferred) and 12nc (t raditional) codes are acceptable to order phycomp brand products. global part number ( preferred ) for detailed information of global part number an d ordering example, please refer to page 2. (1) the resistors have a 12-digit ordering code starting with 2322 / 2350. (2) the subsequent 4 or 5 digits indicate the resistor tolerance and packaging. (3) the remaining 4 or 3 digits represent the resistance value with the last digit indicating the multiplier as shown in the table of ?last digit of 12nc?. (4) "l" is optional symbol (note) . o rdering example the ordering code of a rc22 resistor, value 56 x with 1% tolerance, supplied in tape of 5,000 units per reel is: 232270465609(l) or rc0603fr-0756r(l). resistance decade (3) last digit 0.01 to 0.0976 x 0 0.1 to 0.976 x 7 1 to 9.76 x 8 10 to 97.6 x 9 100 to 976 x 1 1 to 9.76 k x 2 10 to 97.6 k x 3 100 to 976 k x 4 1 to 9.76 m x 5 10 to 97.6 m x 6 example: 0.02 x = 0200 or 200 0.3 x = 3007 or 307 1 x = 1008 or 108 33 k x = 3303 or 333 10 m x = 1006 or 106 last digit of 12nc note 1. all our rsmd products are rohs co mpliant. "lfp" of the internal 2d reel label mentions "lead free process" 2. on customized label, "lfp" or specific symbol printed and the optional "l" at the end of global part number / 12nc can be ad ded (both are on customer request) 12nc code 2322 / 2350 xxx xx xxx l (1) (2) (3) ( 4 ) paper / pe tape on reel (units) (2) type/ 06 03 start in (1) tol. (%) resistance range 5,000 10,000/not preferred 20,000 rc21 2322 5% 1 to 10 m ? 702 60xxx 702 70xxx 702 81xx x rc22 2322 1% 1 to 10 m ? 704 6xxxx 704 7xxxx 704 8xxx x hrc21 2350 5% 11 to 22 m ? 522 10xxx - - jumper 2322 - 0 ? 702 96001 702 97001 702 9200 2
chip resistor surface mount w ww.yageo.com apr 24, 2009 v.4 product specification 4 9 series rc 0603 (rohs compliant) construction the resistor is constructed on top of a high-grade ceramic body. internal metal electrodes are added on each end to make the contacts to the thick film resistive element. the composition of the resistive element is a noble metal imbedded into a glass and covered by a second glass to prevent environment influences. the resistor is laser trimmed to the rated resistance value. the resistor is covered with a protective epoxy coat, finally the two external terminations (matte tin on ni- barrier) are added. see fig.4 dimensions type rc0603 l (mm) 1.60 0.10 w (mm) 0.80 0.10 h (mm) 0.45 0.10 i 1 (mm) 0.25 0.15 i 2 (mm) 0.25 0.15 table 1 overcoat primary glass layer resistive layer (jumper chip is a conductor) inner electrode termination(ni/matte tin) ceramic substrate h i 2 ynsc065 marking layer overcoat w l i 1 o o u u t t l l i i n n e e s s for dimension see table 1 fig. 4 chip resistor outlines marking rc0603 e-24 series: 3 digits first two digits for significant figure and 3rd digit for number of zeros e-96 series: 3 digits fo r 0603 1% eia-96 marking method for 0603 1% e-24 series, one short bar under marking letter for further marking information, please see special data sheet ?chip resistors marking?. fig. 1 value = 10 k ? ynsc001 03 fig. 2 value = 12.4 k ? fig. 3 e-24 1% value = 56 k ? ynsc003 563
chip resistor surface mount w ww.yageo.com apr 24, 2009 v.4 product specification 5 9 series rc 0603 (rohs compliant) electrical char a cteristics characteristics rc0603 1/10 w operating temperature range ?55 c to +155 c maximum working voltage 50 v maximum overload voltage 100 v dielectric withstanding voltage 100 v 5% (e24) 1 ? to 22 m ? 1% (e24/e96) 1 ? to 10 m ? resistance range zero ohm jumper < 0.05 ? 1 ? r 10 ? 200 ppm/c 10 m ? < r 22 m ? 200 ppm/c temperature coefficient 10 ? < r 10 m ? 100 ppm/c rated current 1.0 a jumper criteria maximum current 2.0 a footprint and soldering profiles for recommended footprint and soldering profiles, please see the special data sheet ?chip resistors mounting?. table 2 packing style and p a ckaging quantity product type packing style reel dimension quantity per reel rc0603 paper taping reel (r) 7" (178 mm) 5,000 units 10" (254 mm) 10,000 units 13" (330 mm) 20,000 units note 1. for paper tape and reel specification/dimensions, plea se see the special data sheet ?chip resistors packing?. table 3 packing style and packaging quantity mlb206_2 70 100 55 50 t amb ( c) o (%p ) rated 0 0 50 100 155 p handbook, halfpage functional description p p o o w w e e r r r r a a t t i i n n g g rc0603 rated power at 70c is 1/10 w r ated voltage the dc or ac (rms) continuous working voltage corresponding to the rated power is determined by the following formula: v= (p x r) or max. working voltage whichever is less where v=continuous rated dc or ac (rms) working voltage (v) p=rated power (w) r=resistance value ( x ) fig. 5 maximum dissipation (p) in percentage of rated power as a function of the operating ambient temperature (t amb )
chip resistor surface mount w ww.yageo.com apr 24, 2009 v.4 product specification 6 9 series rc 0603 (rohs compliant) tests and requirements test test method procedure requirements at +25/?55 c and +25/+125 c temperature coefficient of resistance (t.c.r.) iec 60115-1 4.8 formula: t.c.r= ------------------------- 1 0 6 (ppm/c) where t 1 =+25 c or specified room temperature t 2 =?55 c or +125 c test temperature r 1 =resistance at reference temperature in ohms r 2 =resistance at test temperature in ohms refer to table 2 life/endurance iec 60115-1 4.25.1 1,000 hours at 705 c applied rcwv 1.5 hours on, 0.5 hour off, still air required (1.0%+0.05 ? ) for 1% tol. (3.0%+0.05 ? ) for 5% tol. <100 m ? for jumper high temperature exposure/ endurance at upper category temperature iec 60068-2-2 1,000 hours at 1555 c, unpowered (1.0%+0.05 ? ) for 1% tol. (2.0%+0.05 ? ) for 5% tol. <50 m ? for jumper moisture resistance mil-std-202g method-106g each temperature / humidity cycle is defined at 8 hours, 3 cycles / 24 hours for 10d. with 25 c / 65 c 95% r.h, without steps 7a & 7b, unpowered parts mounted on test-boards, without condensation on parts measurement at 242 hours after test conclusion (0.5%+0.05 ? ) for 1% tol. (2.0%+0.05 ? ) for 5% tol. <100 m ? for jumper thermal shock mil-std-202g method-107g -55/+125 c number of cycles required is 300. devices unmounted maximum transfer time is 20 seconds. dwell time is 15 minutes. air ? air (0.5%+0.05 ? ) for 1% tol. (1%+0.05 ? ) for 5% tol. <50 m ? for jumper short time overload iec60115-1 4.13 2.5 times of rated voltage or maximum overload voltage whichever is less for 5 sec at room temperature (1.0%+0.05 ? ) for 1% tol. (2.0%+0.05 ? ) for 5% tol. <50 m ? for jumper no visible damage table 4 test condition, procedure and requirements r 2 ?r 1 r 1 (t 2 ?t 1 )
chip resistor surface mount w ww.yageo.com apr 24, 2009 v.4 product specification 7 9 series rc 0603 (rohs compliant) test test method procedure requirements board flex/ bending iec 60068-2-21 chips mounted on a 90mm glass epoxy resin pcb (fr4) 3 mm bending bending time: 605 seconds (1.0%+0.05 ? ) for 1%, 5% tol. <50 m ? for jumper no visible damage low temperature operation iec 60068-2-1 the resistor shall be su bjected to a dc rated voltage for 1.5 h-on, 0.5 h-off, at -553 c this constitutes shall be repeated for 96 hours however the applied voltage shall not exceed the maximum operating voltage (0.5%+0.05 ? ) for 1% tol . (1.0%+0.05 ? ) for 5% tol. no visible damage insulation resistance iec 60115-1 4.6 rated continuous overload voltage (rcov) for 1 minute type rc0603 voltage (dc) 100 v 10 g ? dielectric withstand voltage iec 60115-1 4.7 maximum voltage (v rms ) applied for 1 minute type rc0603 voltage (ac) 100 v rms no breakdown or flashover resistance to solvent ipc/jedec j-std-020d lsopropylalcohol (c 3h7oh) followed by brushing no smeared noise iec 60115-1 4.12 maximum voltage (vrms) applied resistors range v alue r < 100 ? 10 db 100 ? r < 1 k ? 20 db 1 k ? r < 10 k ? 30 db 10 k ? r < 100 k ? 40 db 100 k ? r < 1 m ? 46 db 1 m ? r 22 m ? 48 db biased humidity (steady state) iec 60115-1 4.37 steady state for 1000 hours at 85 c / 85% r.h. biased voltage: u = 10% of pn (v) max = umax. no condensation on the devices, circulating air (1.0%+0.05 ? ) for 1% tol. (2.0%+0.05 ? ) for 5% tol. <100 m ? for jumper
chip resistor surface mount w ww.yageo.com apr 24, 2009 v.4 product specification 8 9 series rc 0603 (rohs compliant) test test method procedure requirements intermittent overload iec 60115-1 4.39 2.5 times of rated voltage or maximum overload voltage whichever is less for 1 second on and 25 seconds off; total 10,000 cycles (1.0%+0.05 ? ) for 1% tol. (2.0%+0.05 ? ) for 5% tol. <100 m ? for jumper solderability - wetting ipc/jedec j-std-002b test b electrical test not required magnification 50x smd conditions: 1 st step: method b, aging 4 hours at 155 c dry heat 2 nd step: leadfree solder bath at 2453 c dipping time: 30.5 seconds well tinned ( 95% covered) no visible damage - leaching ipc/jedec j-std-002b test d leadfree solder, 260 c, 30 seconds immersion time no visible damage - resistance to soldering heat iec 60068-2-58 condition b, no pre-heat of samples leadfree solder, 260 c, 10 seconds immersion time procedure 2 for smd: devices fluxed and cleaned with isopropanol (0.5%+0.05 ? ) for 1% tol . (1.0%+0.05 ? ) for 5% tol. <50 m ? for jumper no visible damage
chip resistor surface mount w ww.yageo.com apr 24, 2009 v.4 product specification 9 9 series rc 0603 (rohs compliant) ? yageo reserves all the rights for revising the content of this datasheet without furt her notification, as long as the product s itself are unchanged. any product change will be announced by pcn.? revision history revision date change notification description version 4 apr 24, 2009 - - test items and methods updated - test requirements upgraded version 3 jul 15, 2008 - - change to dual brand datasheet th at describe rc0603 with rohs compliant - description of "halogen free epoxy" added - define global part number version 2 aug 19, 2004 - version 1 aug 02, 2004 - - new datasheet for 0603 thick film 1% and 5% with lead-free terminations - replace the 0603 part of pdf files: rc01_11_21_31_5, rc02_12_22_32_10, and hrc21_5_4 - test method and procedure updated - pe tape added (paper tape will be replaced by pe tape) - high ohmic products combined into standard products.


▲Up To Search▲   

 
Price & Availability of RC0603JR-109K76

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X